Part Number Hot Search : 
M5321 SMART ICEPIC3 GBC858 19592251 TFS150F D100N 2A472K
Product Description
Full Text Search
 

To Download W1154GT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 T-1 (3mm) SOLID STATE LAMP
W1154GT GREEN
Features
!LOW
Description
The Green source color devices are made with Gallium Phosphide Green Light Emitting Diode. T-1 DIAMETER PACKAGE. LEADS. AND RUGGED. ON TAPE AND REEL.
POWER CONSUMPTION.
!POPULAR
!GENERAL PURPOSE !RELIABLE !LONG
LIFE - SOLID STATE RELIABILITY.
!AVAILABLE
Package Dimensions
Notes: 1. All dimensions are in millimeters (inches). 2. Tolerance is 0.25(0.01") unless otherwise noted. 3. Lead spacing is measured where the lead emerge package. 4. Specifications are subject to change without notice.
SPEC NO: DSAD0671 APPROVED : J. Lu
REV NO: V.1 CHECKED :Allen Liu
DATE:MAR/17/2003 DRAWN:S.J.HOU
PAGE: 1 OF 3
Selection Guide
Par t No . Dic e L en s Ty p e Iv (m c d ) @ 10 m A Min . W1154GT GREEN(GaP) GREEN TRANSPARENT 18 Ty p . 40 V i ew i n g An g l e 21/2 50
Note: 1. 1/2 is the angle from optical centerline where the luminous intensity is 1/2 the optical centerline value.
Electrical / Optical Characteristics at T)=25C
Sy m b o l peak D 1/2 C VF IR Par am et er Peak Wavelength Dominate Wavelength Spectral Line Half-width Capacitance Forward Voltage Reverse Current Green Green Green Green Green Green D ev i c e Ty p . 565 568 30 15 2.2 2.5 10 Max . Un it s nm nm nm pF V uA Tes t Co n d it io n s IF = 2 0 m A IF = 2 0 m A IF = 2 0 m A V F = 0 V; f = 1 M Hz IF = 2 0 m A VR = 5V
Absolute Maximum Ratings at T)=25C
P ar am e t e r Power dissipation DC Forward Current Peak Forward Current [1] Reverse Voltage Operating/Storage Temperature Lead Solder Temperature [2]
Notes: 1. 1/10 Duty Cycle, 0.1ms Pulse Width. 2. 2mm below package base.
Gr een 105 25 140 5 -40C To +85C 260C For 5 Seconds
Un it s mW mA mA V
SPEC NO: DSAD0671 APPROVED : J. Lu
REV NO: V.1 CHECKED :Allen Liu
DATE:MAR/17/2003 DRAWN:S.J.HOU
PAGE: 2 OF 3
Green
W1154GT
SPEC NO: DSAD0671 APPROVED : J. Lu
REV NO: V.1 CHECKED :Allen Liu
DATE:MAR/17/2003 DRAWN:S.J.HOU
PAGE: 3 OF 3


▲Up To Search▲   

 
Price & Availability of W1154GT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X